Part Number Hot Search : 
TA79L15F 39V040B SDN139 SB1260 471M5 N74HC2 BCD07 BFP721
Product Description
Full Text Search
 

To Download IXFV12N120P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds99894a (04/08) v dss = 1200v i d25 = 12a r ds(on) 1.35 t rr 300 ns n-channel enhancement mode avalanche rated fast intrinsic diode features z international standard packages z fast recovery diode z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1200 v v dgr t j = 25 c to 150 c, r gs = 1m 1200 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c12a i dm t c = 25 c, pulse width limited by t jm 30 a i a t c = 25 c6a e as t c = 25 c 500 mj dv/dt i s i dm , v dd v dss ,t j 150 c 15 v/ns p d t c = 25 c 543 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus 220) 11..65 / 2.5..14.6 n/lb. weight to-247 6 g plus 220 types 4 g g = gate d = drain s = source tab = drain ixfh12n120p IXFV12N120P IXFV12N120Ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 1200 v v gs(th) v ds = v gs , i d = 1ma 3.5 6.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss 25 a v gs = 0v t j = 125 c 2 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 1.15 1.35 polar tm power mosfet hiperfet tm g s d (tab) plus220smd (ixfv_s) to-247 (ixfh) plus220 (ixfv) g d s d (tab) d (tab) applications: z high voltage switched-mode and resonant-mode power supplies z high voltage pulse power applications z high voltage discharge circuits in lasers pulsers, spark igniters, rf generators z high voltage dc-dc converters z high voltage dc-ac inverters
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n120p IXFV12N120P IXFV12N120Ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 5 9 s c iss 5400 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 290 pf c rss 40 pf r gi gate input resistance 1.5 t d(on) 34 ns t r 25 ns t d(off) 62 ns t f 34 ns q g(on) 103 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 29 nc q gd 41 nc r thjc 0.23 c /w r thcs (to-247, plus 220) 0.21 c /w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 12 a i sm repetitive, pulse width limited by t jm 48 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 300 ns q rm 0.5 c i rm 6 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 6a, -di/dt = 100a/ s v r = 100v, v gs = 0v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 (external) to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p plus220 (ixfv) outline plus220smd (ixfv_s) outline
? 2008 ixys corporation, all rights reserved ixfh12n120p IXFV12N120P IXFV12N120Ps fig. 1. output characteristics @ 25oc 0 2 4 6 8 10 12 0246810121416 v ds - volts i d - amperes v gs = 10v 8v 5 v 7 v 6 v fig. 2. extended output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 20 0 4 8 121620242832 v ds - volts i d - amperes v gs = 10v 8v 7 v 6 v 5 v fig. 3. output characteristics @ 125oc 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 v ds - volts i d - amperes v gs = 10v 7v 5v 6v fig. 4. r ds(on) normalized to i d = 6a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 12a i d = 6a fig. 5. r ds(on) normalized to i d = 6a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 02468101214161820 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 1 2 3 4 5 6 7 8 9 10 11 12 13 -50-25 0 255075100125150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n120p IXFV12N120P IXFV12N120Ps ixys ref: f_12n120p(76) 04-01-08-a fig. 7. input admittance 0 2 4 6 8 10 12 14 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 2 4 6 8 10 12 14 16 024681012141618 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 5 10 15 20 25 30 35 40 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100110 q g - nanocoulombs v gs - volts v ds = 600v i d = 6a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFV12N120P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X